Part Number Hot Search : 
CJ22C 1N5919B S2N7002 2SK1212 BU2510 FE8A60 ATS04 HDCS01R
Product Description
Full Text Search
 

To Download IT3012E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IT3012E
8 GHz Differential-to-Single-Ended Amplifier
Description
The IT3012E is a RoHS-6-compliant packaged differential-to-single-ended amplifier designed for use as an optical modulator predriver with limiting functionality in 10.7 Gb/s and 12.5 Gb/s (OC-192) optical transmitters and receivers. It allows single-ended input signals of 350 mVpp to 900 mVpp or differential signals of 250 mVpp to 1800 mVpp to be limited at a constant singleended output voltage of 1.9 Vpp. It provides output voltage control and allows external offset correction. IT3012E also provides excellent linear performance when operating at lower output voltages. Both AC and DC input coupling are allowed. DC-coupled SCFL differential input (input "high" voltage = 0 V, input "low" voltage = -900 mV) is allowed. Limiting function with 1.9 Vpp single-ended output 3 dB bandwidth: 8 GHz Single-ended Gain: 17.5 dB Standard bias supply levels: -5 V or -5.2 V, +5 V Power consumption: 665 mW Low group delay and jitter Output voltage control AC and DC input coupling (SCFL compatible) AC and DC output coupling
Features
www..com
RoHS-6-compliant 4x4 mm QFN (MO-220) package
Absolute Maximum Ratings
Sym bol Vee Vcc Vd Vm IDCin (+),(-) Tch Tstg
Param eters/conditions Pow er supply voltage Pow er supply voltage Applied voltage at data input (differential) Applied voltage at data input (single ended) Offset control current Maximum channel temperature Storage temperature
Min. -8 0
Max. 0 8 3 1.5 5 150
Units V V V V mA C C
-65
150
Recommended Operating Conditions
Symbol
Tc Vee Vcc Vcb2 Iee Icc V DCin Vctrl Vm Vd Vindc R
Parameters/conditions
Operating temperature range (Tcase) Negative pow er supply voltage Positive pow er supply voltage First internal bias control voltage Negative supply current Positive supply current Offset control voltage Voltage control pin Applied peak-peak voltage at data input (single ended) Applied peak-peak voltage at data input (differential) DC input voltage (w ith DC-coupled input) Data bit rate
Min.
0 -5.45 4.75 86 30 -5 -2.7 350 250 -0.5
Typ.
-5 5 0 101 35
Max.
85 -4.75 5.25 116 40 5 0 900 1800 0 12.5
Units
o
C
V V V mA mA V V mV mV V Gb/s
For pricing, delivery, and ordering information, please contact GigOptix at (650) 424-1937, e-mail: sales@gigoptix.com, or visit our site at www.GigOptix.com.
1
IT3012E
8 GHz Differential-to-Single-Ended Amplifier
Electrical Characteristics
At ambient temperature Vee =- 5 V Vcc = +5 V
Symbol Parameters/conditions
P Z DCin G B3dB RLin RLout Vout Vout Voutdc Trse Tfse JRMS Pow er consumption Input impedance at DCin, /DCin Single-ended small signal gain 3 dB bandw idth Input return loss (up to10 GHz) Output return loss (up to 10 GHz) Output peak-peak voltage (single ended) (Vctrl =-2.7V for max. output voltage) Vout sensitiviy vs bias (Vee=-5 V +/-5%, Vcc=5 V +/-5%) DC output voltage (DC coupled to 50 ohm load) Output rise time (single ended at maximum output voltage) Output fall time (single ended at maximum output voltage) RMS jitter degradation (*) 200 300 28 22 1
Min.
565 900 16.5 7 15 8 1.75
Typ.
665 1000 17.5 8 20 10 1.9
Max.
765 1100
Units
mW Ohm dB GHz dB dB V
+/-11 400 35 28 1.7
% mV psec psec psec
www..com
(*) JRMS=sqrt((JRMS_dut)2-(JMRS_thru)2)
S-Parameter Data
22
IT3012E Single-Ended Linear Gain
20 18 16 Gain (dB) 12 10 8 6 4 2 0 0 2 4 6 8 Freq. (GHz) 10 12 14 16
IT3012E Input Return Loss
0 -5 -10 -15 -20 -25 -30 -35 -40 -45 -50 0 2 4 6 8 10 Freq. (GHz) 12 14 16
Vee = -5 V, Vcc = +5 V
S11 (dB)
Measured on connectorized evaluation board
14
IT3012E Output Return Loss
0 -2 -4 -6 S22 (dB) S12 (dB) -8 -10 -12 -14 -16 -18 -20 0 2 4 6 8 10 Freq. (GHz) 12 14 16 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 0 2 4
IT3012E Isolation
6
8 10 Freq. (GHz)
12
14
16
For pricing, delivery, and ordering information, please contact GigOptix at (650) 424-1937, e-mail: sales@gigoptix.com, or visit our site at www.GigOptix.com.
2
IT3012E
8 GHz Differential-to-Single-Ended Amplifier
Eye Diagram Performance
Vee = -5 V Vcc = +5 V
www..com
Linear performance Bit rate: 10.7 Gb/s Vin = +/-75 mVpp, Vout = +/-1.1 Vpp
Linear performance Bit Rate: 12.5 Gb/s Vin = +/-75 mVpp, Vout = +/-1.1 Vpp
. Saturated performance Bit rate: 10.7 Gb/s Vin = +/-400 mVpp, Vout = +/-1.9 Vpp
Saturated performance Bit rate: 12.5 Gb/s Vin = +/-400 mVpp, Vout = +/-1.9 Vpp
Voltage Control
Bit rate: 10.7 Gb/s Vctrl =-1.5 V, Vout =1.7 Vpp
Bit rate: 10.7 Gb/s Vctrl =-1.1 V, Vout =1.0 Vpp
For pricing, delivery, and ordering information, please contact GigOptix at (650) 424-1937, e-mail: sales@gigoptix.com, or visit our site at www.GigOptix.com.
3
IT3012E
8 GHz Differential-to-Single-Ended Amplifier
Device Diagram
Vctrl DCin Din /Din /DCin Vee
www..com
1kW 50W 1kW 50W
Vcb2
Q
Vcc Vctrl
1 F Vcb2
Recommended Operational Setup
DC blocking capacitors optional DCin Din
Input /Din
/DCin
IT3012E
Vee Vcc
Q
-5.0 V
1 F 560 pF 560 pF 1 F
+5 V
Bias Conditions For Vee = -5 V Bias Condition * Apply +5.0 V at Vcc * Apply -5 V at Vee * Vcb2 = 0 V * Vctrl=-2.7 V or open for maximum output voltage * Vctrl from -2.7 V to -1 V for output voltage control For Vee = -5.2 V Bias Conditions * Apply +5 V at Vcc * Apply -5.2 V at Vee * Vcb2 = 0V * Vctrl = -1.8V for maximum output voltage * Vctrl from -1.8 V to -1 V for output voltage control
For pricing, delivery, and ordering information, please contact GigOptix at (650) 424-1937, e-mail: sales@gigoptix.com, or visit our site at www.GigOptix.com.
4
IT3012E
8 GHz Differential-to-Single-Ended Amplifier
"E" Package Drawings, Pinouts, Marking
Notes: Dimensions in inches (mm)
www..com
Tolerances are 0.0039 in. (0.100 mm) Package drawing encompasses JEDEC MO-220 Version VGGC-2. See iTerra Application Note 10 for recommended pad Layout. RoHS parts are backward compatible if application note pad layout is followed. Lead frame material is copper alloy. Mold compound is UL94V0 compliant. Lead finish is NiPdAu. Marking Information iTerra MMMMEA XXNNNN LLYYWW Where, MMMM = part no. E = Package Type A =Temp. Range XX = Wafer Lot NNNN = Ser. No. LLYYWW =MFG D/C
Pinouts
P1: GND P2: Din (RF input) P3: /Din (/RF input) P4: GND P5: /DCin P6: Vee P7: N/C P8: N/C P9: GND P10: N/C P11: Q (RF Out) P12: GND P13: Vcb2 P14: Vctrl (voltage control) P15: Vcc P16: DCin
For pricing, delivery, and ordering information, please contact GigOptix at (650) 424-1937, e-mail: sales@gigoptix.com, or visit our site at www.GigOptix.com.
5


▲Up To Search▲   

 
Price & Availability of IT3012E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X